PART |
Description |
Maker |
ZMY1 ZMY33 ZMY51 ZMY15 ZMY20 ZMY47 ZMY91 ZMY10 ZMY |
Silicon Planar Zener Diodes SILICON PLANAR POWER ZENER DIODES Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41 surface mount silicon Zener diodes
|
Honey Technology SEMTECH[Semtech Corporation]
|
BZX55SERIES BZX55-C0V8 BZX55C13 BZX55C10 BZX55C11 |
Silicon planar zener diode. 0.5 W. Zener voltage range Vznom = 130 V, Izt = 1 mA for Vzt . Silicon planar zener diode. 0.5 W. Zener voltage range Vznom = 150 V, Izt = 1 mA for Vzt . 0.5W SILICON PLANAR ZENER DIODES 25 A standard and Snubberless" triacs Silicon planar zener diode. 0.5 W. Zener voltage range Vznom = 200 V, Izt = 1 mA for Vzt .
|
Shanghai Lunsure Electronic... Chenyi Electronics List of Unclassifed Manufacturers Shanghai Lunsure Electr...
|
1N962 1N963 1N967 1N978 1N957 1N958 1N959 1N960 1N |
30 V, 4.2 mA, silicon planar zener diode 7.5 V, 16.5 mA, silicon planar zener diode SILICON PLANAR ZENER DIODES 14PX2R TH STRAIGHT CONN, 3PX1R TH STRAIGHT CONN. 2 POSITIONS ALIGNED 2.54MM 1X30FT SELF-FUSING TAPE DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Solder Tail; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 硅平面稳压二极管 CONN HDR 8POS RT ANG POST 硅平面稳压二极管 DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Wire Wrap; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 10 V, 12.5 mA, silicon planar zener diode 39 V, 3.2 mA, silicon planar zener diode 6.8 V, 18.5 mA, silicon planar zener diode
|
http:// SEMTECH[Semtech Corporation] Semtech, Corp. Honey Technology
|
ZMY20 ZMY24 ZMY47 ZMY30 ZMY75 ZMY16 ZMY56 ZMY10 ZM |
surface mount silicon Zener diodes Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41 SILICON PLANAR POWER ZENER DIODES
|
GOOD-ARK[GOOD-ARK Electronics]
|
SMBZ5230 SMBZ5230B SMBZ5231 SMBZ5231B SMBZ5232 SMB |
SILICON PLANAR ZENER DIODES 500mW SOT-23 PACKAGE SILICON PLANAR ZENER DIODES, 500mW, SOT-23 PACKAGE SILICON PLANAR ZENER DIODES/ 500mW/ SOT-23 PACKAGE surface mount silicon Zener diodes VOLTAGE REGULATOR DIODE
|
http:// SURGE[Surge Components] Surge Components, Inc.
|
ZM4740 |
SILICON PLANAR POWER ZENER DIODES
|
Continental Device India Limited
|
BZX85C18 BZX85C10 |
Silicon Planar Power Zener Diodes
|
TY Semiconductor Co., L...
|
BZX2.5C BZX2.5C10 BZX2.5C11 BZX2.5C12 BZX2.5C13 BZ |
SILICON PLANAR POWER ZENER DIODES
|
SEMTECH ELECTRONICS LTD.
|
ZM4728 ZM4761 ZM4760 ZM4731 ZM4730 ZM4740 |
SILICON PLANAR POWER ZENER DIODES
|
Daya Electric Group Co., Ltd. Daya Electric Group Co., Lt...
|
MMHZ5270SPT MMHZ5242SPT MMHZ5222SPT MMHZ5258SPT MM |
SILICON PLANAR POWER ZENER DIODES
|
Chenmko Enterprise Co. Ltd. Chenmko Enterprise Co. ...
|
BZX2C9V1 BZX2C BZX2C100V BZX2C10V BZX2C110V BZX2C1 |
SILICON PLANAR POWER ZENER DIODES
|
SEMTECH[Semtech Corporation]
|
BZX2.5C11 BZX2.5C13 BZX2.5C18 BZX2.5C24 BZX2.5C36 |
Silicon Planar Power Zener Diodes
|
TY Semiconductor Co., Ltd
|